Part Number Hot Search : 
AL5DA005 MMSZ524 UC1103 D6102G UF16C01C S1C17601 M74HC10 11800
Product Description
Full Text Search
 

To Download JANTXV2N2432 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 lake street, lawrence, ma 01841 03/98 rev: c 1-800-446-1158 / (978)-794-1666 / (978) fax: (978) 689- 0803 page 1 of 2 maximum ratings ratings symbol 2n2432 2n2432a units collector-emitter voltage v ceo 30 45 vdc collector-base voltage v cbo 30 45 vdc emitter-collector voltage v eco 15 18 vdc collector current i c 100 madc total power dissipation @ t a = +25 0 c @ t c = +25 0 c p t 300 600 mw mw operating & storage junction temperature range t stg t j -65 to +200 -65 to +175 0 c 0 c thermal characteristics characteristics symbol max. unit thermal resistance, junction-to-case r q jc 0.25 mw/ 0 c 1) derate linearly 2.0 mw/ 0 c above t a > +25 0 c 2) derate linearly 4.0 mw/ 0 c above t c > +25 0 c electrical characteristics (t a = 25 0 c unless otherwise noted) characteristics symbol min. max. unit off characteristics collector-base breakdown voltage i c = 100 m adc 2n2432 2n2432a v (br) cbo 30 45 vdc emitter-collector breakdown voltage i e = 100 m adc, i b = 0 2n2432 2n2432a i e = 10 madc, i b = 0 both v (br) eco 15 18 10 vdc collector-emitter breakdown current i c = 10 madc 2n2432 2n2432a v (br) ceo 30 45 vdc collector-emitter cutoff current v cb = 25 vdc 2n2432 v cb = 40 vdc 2n2432a i ces 10 10 h adc technical data to- 18 (to-206aa) 2n2432 jan, jtx, jtxv 2n2432a jan, jtx, jtxv processed per mil-prf-19500/313 npn silicon small-signal transistors mil-prf qpl devices
6 lake street, lawrence, ma 01841 03/98 rev: c 1-800-446-1158 / (978)-794-1666 / (978) fax: (978) 689- 0803 page 2 of 2 2n2432 , 2n2432a jan series electrical characteristics ( con?t) characteristics symbol min. max. unit off characteristics ( con?t) collector-emitter cutoff current v cb = 25 vdc 2n2432 v cb = 40 vdc 2n2432a i cbo 10 10 h adc emitter-collector cutoff current v ec = 15 vdc , v bc = 0 vdc i ecs 2.0 h adc emitter-base cutoff current v eb = 15 vdc i ebo 2.0 h adc on characteristics (1) forward-current transfer ratio i c = 10 m adc, v ce = 5.0 vdc i c = 1.0 madc, v ce = 5.0 vdc h fe 30 80 400 forward-current transfer ratio (inverted connection) i c = 0.2 madc, v ce = 5.0 vdc 2n2432 2n2432a h fe ( inv ) 2.0 3.0 collector-emitter saturation voltage i c = 10 vdc, i b = 0.5 madc v ce(sat) 0.15 mvdc emitter-collector offset voltage i e = 0 madc, i b = 200 m adc 2n2432 2n2432a i e = 0 madc, i b = 1.0 madc 2n2432 2n2432a v ec( ofs ) 0.5 0.4 0.1 0.7 mvdc dynamic characteristics forward current transfer ratio i c = 1.0 madc, v ce = 5.0 vdc, f = 20 mhz ? h fe ? 2.0 10 output capacitance v cb = 0 vdc, i e = 0, 100 khz f 1.0 mhz c obo 12.0 pf input capacitance v eb = 0 vdc, i c = 0, 100 khz f 1.0 mhz c ibo 12.0 pf (1)pulse test : pulse width = 300 m s, duty cycle 2.0%.


▲Up To Search▲   

 
Price & Availability of JANTXV2N2432

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X